PART |
Description |
Maker |
V62C2802048LL-70T V62C2802048L-70T V62C2802048LL-8 |
Ultra Low Power 256K x 8 CMOS SRAM 超低功56K × 8 CMOS SRAM Proximity Sensor; Sensor Input Type:Inductive; Sensing Range Max:2mm; Sensor Output:PNP, NO; Switch Terminals:Wire Leads; Sensor Housing:Cylindrical RoHS Compliant: Yes
|
Mosel Vitelic, Corp. MOSEL[Mosel Vitelic, Corp] MOSEL[Mosel Vitelic Corp]
|
R1288A |
Linear Sensor Photodiode Array: 64x1 Sensor-Elements Organization; 200 Dots-Per-Inch (DPI) Sensor Pitch; High Linearity and Uniformity; Wide Dynamic PHOTOCULTIPLIER TUBE
|
Hamamatsu Photonics HAMAMATSU[Hamamatsu Corporation]
|
KM110BH KM110BH2430 KM110BH2470 |
30° and 70° angle sensor hybrids 30?and 70?angle sensor hybrids 30 and 70 angle sensor hybrids 30∑ and 70∑ angle sensor hybrids 30and 70angle sensor hybrids 30deg angle sensor hybrid.
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
IA3004-CE10A |
Color image sensor head (300dpi) Contact Image Sensor Heads > IA-CE Series Image sensor heads for narrow-width scanners
|
Rohm CO.,LTD. ROHM[Rohm]
|
ISL2901110 |
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
|
Intersil Corporation
|
MK03-1C90B-1500W09 |
MK Reed Sensor PROXIMITY SENSOR-PHOTOELECTRIC, CYLINDRICAL, PANEL MOUNT
|
MEDER ELECTRONIC AG
|
BC141-6 BC140-6 Q60202-C230-S2 Q60202-C719 Q60203- |
NPN SILICON TRANSISTORS NPN硅三极管 Photoelectric Sensor; Sensor Input Type:Fiber-Optic; Sensor Output:NPN; Switch Terminals:Connector; Leaded Process Compatible:No; Output Type:Transistor; Peak Reflow Compatible (260 C):No; Contact Current Max:150mA Photoelectric Sensor; Sensor Input Type:Fiber-Optic; Sensor Output:PNP; Switch Terminals:Connector; Leaded Process Compatible:No; Output Type:Transistor; Peak Reflow Compatible (260 C):No; Sensor Housing:Rectangular
|
TE Connectivity, Ltd. SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
OPDK14P1901/S35A OPDK14P3901/S35A |
POSITION, LINEAR SENSOR-RETROREFLECTIVE, 11-11mm, 100mA, RECTANGULAR, BOARD MOUNT THROUGH BEAM SENSOR
|
ITT, Corp.
|
ISL29015IROZ-EVALZ ISL29015IROZ-T7 ISL29015 |
Integrated Digital Ambient Light Sensor and Proximity Sensor
|
Intersil Corporation
|
NOA3301 NOA3301CUTAG |
Digital Proximity Sensor with Ambient Light Sensor and Interrupt
|
ON Semiconductor
|